PART |
Description |
Maker |
NM25C020 NM25C020LVMT8 NM25C020LVM8 NM25C020VM8X N |
SPI Serial EEPROM 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CAT25080LE-GT3 CAT25160LE-GT3 CAT25080LE-T3 CAT251 |
8-Kb and 16-Kb SPI Serial CMOS EEPROM 8 kb SPI Serial CMOS EEPROM 1K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
AT45D081A-RI AT45D081A-JCNBSP AT45D081A-RINBSP AT4 |
8-megabit 5-volt Only Serial DataFlash From old datasheet system SPI Serial EEPROM SERIAL EEPROM,FLASH,4KX264X8,CMOS,SOP,28PIN,PLASTIC
|
ATMEL[ATMEL Corporation]
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CAV25040 CAV25010 CAV25020 |
2-Kb SPI Serial CMOS EEPROM - Automotive Grade 4-Kb SPI Serial CMOS EEPROM Memory - Automotive Grade 1-Kb SPI Serial CMOS EEPROM - Automotive Grade
|
ON Semiconductor
|
M95256-MW6G_A M95256-D-MW6G_A M95256-MW6G_K M95256 |
256 Kbit serial SPI bus EEPROM with high-speed clock 32K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
STMicroelectronics
|
NM25C160 NM25C160LEM8 NM25C160LEMT8 NM25C160LEN NM |
16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor]
|
M95020 M95040-MB3G/W M95040-MB3T/S M95040-MB3TG/W |
128 X 8 SPI BUS SERIAL EEPROM, PDSO8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
|
http:// 意法半导 STMicroelectronics
|
CAT25C08U-1.8 CAT25C08UI-1.8 CAT25C08UA-1.8 CAT25C |
SPI Bus Serial EEPROM (Motorola Compatible), 1K, 2-bit Block Protection, WPEN Bit SPI Bus Serial EEPROM (Motorola Compatible), 2K, 2-bit Block Protection, WPEN Bit 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8
|
Catalyst Semiconductor
|
CAT25320LE-GT3 CAT25320LE-T3 CAT25320VP2E-GT3 CAT2 |
32-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
CAT25640LI-G CAT25640HU4E-GT3 |
64-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|